Part Number Hot Search : 
C1394 MAX395 DD352 RF1127 8206B 0N06S S1ZA20 GRM21
Product Description
Full Text Search
 

To Download IDT74FCT162374AT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IDT74FCT162374AT/CT/ET FAST CMOS 16-BIT REGISTER (3-STATE)
INDUSTRIAL TEMPERATURE RANGE
FAST CMOS 16-BIT REGISTER (3-STATE)
IDT74FCT162374AT/CT/ET
FEATURES:
* * * * * * * *
0.5 MICRON CMOS Technology High-speed, low-power CMOS replacement for ABT functions Typical tSK(o) (Output Skew) < 250ps Low input and output leakage 1A (max.) VCC = 5V 10% Balanced Output Drivers: 24mA Reduced system switching noise Typical VOLP (Output Ground Bounce) < 0.6V at VCC = 5V, TA = 25C * Available in SSOP, TSSOP, and TVSOP packages
DESCRIPTION:
The FCT162374T 16-bit edge-triggered D-type registers are built using advanced dual metal CMOS technology. These high-speed, low-power registers are ideal for use as buffer registers for data synchronization and storage. The Output Enable (xOE) and clock (xCLK) controls are organized to operate each device as two 8-bit registers or one 16-bit register with common clock. Flow-through organization of signal pins simplifies layout. All inputs are designed with hysteresis for improved noise margin. The FCT162374T has balanced output drive with current limiting resistors. This offers low ground bounce, minimal undershoot, and controlled output fall times-reducing the need for external series terminating resistors.The FCT162374T are plug-in replacements for the FCT16374T and ABT16374 for on-board bus interface applications.
FUNCTIONAL BLOCK DIAGRAM
1O E
2O E
1C LK
2C LK
1D 1
D
1O 1
2D 1
D
2O 1
C
C
TO SEVEN OTHE R CHANNELS
TO SEVE N O THER CHANNELS
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
INDUSTRIAL TEMPERATURE RANGE
1
(c) 2002 Integrated Device Technology, Inc.
JUNE 2002
DSC-5453/2
IDT74FCT162374AT/CT/ET FAST CMOS 16-BIT REGISTER (3-STATE)
INDUSTRIAL TEMPERATURE RANGE
PIN CONFIGURATION
1OE 1O1 1O2
ABSOLUTE MAXIMUM RATINGS(1)
Symbol Description Terminal Voltage with Respect to GND Terminal Voltage with Respect to GND Storage Temperature DC Output Current Max -0.5 to 7 -0.5 to VCC+0.5 -65 to +150 -60 to 120 Unit V V C mA
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24
48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25
1CLK 1D1 1D2
VTERM(2) VTERM(3) TSTG IOUT
GND
1O3 1O4
GND
1D3 1D4
VCC
1O5 1O6
VCC
1D5 1D6
NOTES: 1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability. 2. All device terminals except FCT162XXX Output and I/O terminals. 3. Output and I/O terminals terminals for FCT162XXX.
CAPACITANCE (TA = +25C, F = 1.0MHz)
Symbol CIN COUT Parameter(1) Input Capacitance Output Capacitance Conditions VIN = 0V VOUT = 0V Typ. 3.5 3.5 Max. 6 8 Unit pF pF
GND
1O7 1O8 2O1 2O2
GND
1D7 1D8 2D1 2D2
NOTE: 1. This parameter is measured at characterization but not tested.
GND
2O3 2O4
GND
2D3 2D4
PIN DESCRIPTION
Pin Names xDx xCLK xOx xOE Data Inputs Clock Inputs 3-State Outputs 3-State Outputs Enable Input (Active LOW) Description
VCC
2O5 2O6
VCC
2D5 2D6
GND
2O7 2O8 2OE
GND
2D7 2D8 2CLK
FUNCTION TABLE(1)
Inputs Function Hi-Z xDx X X Load L H L H
NOTE: 1. H = HIGH Voltage Level L = LOW Voltage Level X = Don't Care Z = High-Impedance = LOW-to-HIGH transition
Outputs xOE H H L L H H
xCLK L H
xOx
Z Z L H Z Z
SSOP/ TSSOP/ TVSOP TOP VIEW
Register
2
IDT74FCT162374AT/CT/ET FAST CMOS 16-BIT REGISTER (3-STATE)
INDUSTRIAL TEMPERATURE RANGE
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE
Following Conditions Apply Unless Otherwise Specified: Industrial: TA = -40C to +85C, VCC = 5.0V 10%
Symbol VIH VIL IIH Parameter Input HIGH Level Input LOW Level Input HIGH Current (Input pins)(5) Input HIGH Current (I/O pins)(5) IIL Input LOW Current (Input pins)(5) Input LOW Current (I/O pins)(5) IOZH IOZL VIK IOS VH ICCL ICCH ICCZ High Impedance Output Current (3-State Output pins)(5) Clamp Diode Voltage Short Circuit Current Input Hysteresis Quiescent Power Supply Current VCC = Max. VIN = GND or VCC VCC = Min., IIN = -18mA VCC = Max., VO = GND(3) -- VCC = Max. VO = 2.7V VO = 0.5V VI = GND Test Conditions(1) Guaranteed Logic HIGH Level Guaranteed Logic LOW Level VCC = Max. VI = VCC Typ.(2) -- -- -- -- -- -- -- -- -0.7 -140 100 5
Min. 2 -- -- -- -- -- -- -- -- -80 -- --
Max. -- 0.8 1 1 1 1 1 1 -1.2 -250 -- 500
Unit V V A
A
A
V mA mV A
OUTPUT DRIVE CHARACTERISTICS
Symbol IODL IODH VOH VOL Parameter Output LOW Current Output HIGH Current Output HIGH Voltage Output LOW Voltage Test Conditions(1) VCC = 5V, VIN = VIH or VIL, VO = 1.5V(3) VCC = 5V, VIN = VIH or VIL, VO = 1.5V(3) VCC = Min IOH = -24mA VIN = VIH or VIL VCC = Min IOL = 24mA VIN = VIH or VIL Min 60 -60 2.4 -- Typ.(2) 115 -115 3.3 0.3 Max. 200 -200 -- 0.55 Unit mA mA V V
NOTES: 1. For conditions shown as Min. or Max., use appropriate value specified under Electrical Characteristics for the applicable device type. 2. Typical values are at VCC = 5.0V, +25C ambient. 3. Not more than one output should be tested at one time. Duration of the test should not exceed one second. 4. Duration of the condition can not exceed one second. 5. The test limit for this parameter is 5A at TA = -55C.
3
IDT74FCT162374AT/CT/ET FAST CMOS 16-BIT REGISTER (3-STATE)
INDUSTRIAL TEMPERATURE RANGE
POWER SUPPLY CHARACTERISTICS
Symbol ICC ICCD Parameter Quiescent Power Supply Current TTL Inputs HIGH Dynamic Power Supply Current(4) VCC = Max. VIN = 3.4V(3) VCC = Max. Outputs Open xOE = GND One Input Togging 50% Duty Cycle VCC = Max. Outputs Open fCP = 10MHz 50% Duty Cycle xOE = GND fi = 5MHz 50% Duty Cycle One Bit Toggling VCC = Max. Outputs Open fCP = 10MHz 50% Duty Cycle xOE = GND Sixteen BitsTogging fi = 2.5MHz 50% Duty Cycle VIN = VCC VIN = GND Test Conditions(1) Min. -- -- Typ.(2) 0.5 60 Max. 1.5 100 Unit mA A/ MHz
IC
Total Power Supply Current(6)
VIN = VCC VIN = GND VIN = 3.4V VIN = GND
--
0.6
1.5
mA
--
1.1
3
VIN = VCC VIN = GND
--
3
5.5(5)
VIN = 3.4V VIN = GND
--
7.5
19(5)
NOTES: 1. For conditions shown as Min. or Max., use appropriate value specified under Electrical Characteristics for the applicable device type. 2. Typical values are at VCC = 5.0V, +25C ambient. 3. Per TTL driven input (VIN = 3.4V). All other inputs at VCC or GND. 4. This parameter is not directly testable, but is derived for use in Total Power Supply Calculations. 5. Values for these conditions are examples of the ICC formula. These limits are guaranteed but not tested. 6. IC = IQUIESCENT + IINPUTS + IDYNAMIC IC = ICC + ICC DHNT + ICCD (fCPNCP/2 + fiNi) ICC = Quiescent Current (ICCL, ICCH and ICCZ) ICC = Power Supply Current for a TTL High Input (VIN = 3.4V) DH = Duty Cycle for TTL Inputs High NT = Number of TTL Inputs at DH ICCD = Dynamic Current caused by an Input Transition Pair (HLH or LHL) fCP = Clock Frequency for Register Devices (Zero for Non-Register Devices) NCP = Number of Clock Inputs at fCP fi = Input Frequency Ni = Number of Inputs at fi
4
IDT74FCT162374AT/CT/ET FAST CMOS 16-BIT REGISTER (3-STATE)
INDUSTRIAL TEMPERATURE RANGE
SWITCHING CHARACTERISTICS OVER OPERATING RANGE
Symbol tPLH tPHL tPZH tPZL tPHZ tPLZ tSU tH tW tSK(o) Parameter Propagation Delay xCLK to xOx Output Enable Time Output Disable Time Set-up Time HIGH or LOW, xDx to xCLK Hold Time HIGH or LOW, xDx to xCLK xCLK Pulse Width HIGH or LOW Output Skew(3) Condition(1) CL = 50pF RL = 500 74FCT162374T Min.(2) Max. 2 6.5 1.5 1.5 2 1.5 5 -- 6.5 5.5 -- -- -- 0.5 74FCT162374CT Min.(2) Max. 2 5.2 1.5 1.5 2 1.5 5 -- 5.5 5 -- -- -- 0.5 74FCT162374ET Min.(2) Max. 1.5 3.7 1.5 1.5 1.5 0 3(4) -- 4.4 3.6 -- -- -- 0.5 Unit ns ns ns ns ns ns ns
NOTES: 1. See test circuit and waveforms. 2. Minimum limits are guaranteed but not tested on Propagation Delays. 3. Skew between any two outputs of the same package switching in the same direction. This parameter is guaranteed by design. 4. This limit is guaranteed but not tested.
5
IDT74FCT162374AT/CT/ET FAST CMOS 16-BIT REGISTER (3-STATE)
INDUSTRIAL TEMPERATURE RANGE
TEST CIRCUITS AND WAVEFORMS
V CC
SWITCH POSITION
Test
7.0V
Switch Closed Open
Open Drain Disable Low Enable Low All Other Tests
500 V IN Pulse Generator D.U.T. 50pF RT 500 CL V OUT
DEFINITIONS: CL = Load capacitance: includes jig and probe capacitance. RT = Termination resistance: should be equal to ZOUT of the Pulse Generator.
Test Circuit for All Outputs
DATA INPUT tSU TIMING INPUT ASYNCHR ONOUS C ONTROL PRESET CLEAR ETC. SYNCHRONOUS CONTROL PRESET CLEAR CLOCK ENABLE ETC. tREM tH
3V 1.5V 0V 3V 1.5V 0V 3V 1.5V 0V 3V 1.5V 0V
LOW -HIGH-LOW PULSE tW HIGH-LOW -HIGH PULSE
1.5V
1.5V
tSU
tH
Pulse Width
Set-up, Hold and Release Times
ENABLE SAM E PHASE INPUT TRANSITION tPLH OUTPUT tPLH OPPOSITE PHASE INPUT TRANSITION tPHL tPHL 3V 1.5V 0V VOH 1.5V VOL 3V 1.5V 0V DISABLE 3V CONTROL INPUT tPZL OUTPUT NORMALLY LOW SW ITCH CLOSED tPZH OUTPUT NORMALLY HIGH SW ITCH OPEN 3.5V 1.5V 0.3V tPHZ 0.3V 1.5V 0V 0V VOH tPLZ 1.5V 0V 3.5V VOL
Propagation Delay Enable and Disable Times
NOTES: 1. Diagram shown for input Control Enable-LOW and input Control Disable-HIGH. 2. Pulse Generator for All Pulses: Rate 1.0MHz; tF 2.5ns; tR 2.5ns.
6
IDT74FCT162374AT/CT/ET FAST CMOS 16-BIT REGISTER (3-STATE)
INDUSTRIAL TEMPERATURE RANGE
ORDERING INFORMATION
IDT XX FCT Temp. Range XXX Family XXXX Device Type XX Package
PV PA PF
Shrink Small Outline Package Thin Shrink Small Outline Package Thin Very Small Outline Package
374AT 374CT 374ET
16-Bit Register (3-State)
162
Double-Density, 5 Volt, Balanced Drive
74
- 40C to +85C
DATA SHEET DOCUMENT HISTORY
3/26/2002 6/21/2002 Removed standard speed grade Updated according to PDNs Logic-00-07 and Logic-01-04
CORPORATE HEADQUARTERS 2975 Stender Way Santa Clara, CA 95054
for SALES: 800-345-7015 or 408-727-6116 fax: 408-492-8674 www.idt.com
for Tech Support: logichelp@idt.com (408) 654-6459
7


▲Up To Search▲   

 
Price & Availability of IDT74FCT162374AT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X